Part Number Hot Search : 
15N12 15KE110A 82S147AN R3AS10M SM1400AP TC7S08F 15KE110A 10030
Product Description
Full Text Search
 

To Download GUF30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
3.0 Amp ULTRA-FAST SWITCHING MEGARECTIFIERS
Mechanical Dimensions
JEDEC D0-201AD
.190 .210 .285 .375 1.00 Min.
GUF30A . . . 30M Series
Description
.050 typ.
Features
n HIGH TEMPERATURE METALLURGICALLY BONDED CONSTRUCTION n SINTERED GLASS CAVITY-FREE JUNCTION n 3.0 AMP OPERATION @ TA = 55C, WITH NO THERMAL RUNAWAY n TYPICAL IR < 0.2 Amp
Electrical Characteristics @ 25 oC. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...I F(av) Current 3/8" Lead Length @ TA = 55C Non-Repetitive Peak Forward Surge Current...IFSM 8.3mS, 1/2 Sine Wave Superimposed on Rated Load Forward Voltage @ Rated Forward Current and 25C...VF Full Load Reverse Current...IR(av) Full Cycle Average @ TA = 55C DC Reverse Current...IR @ Rated DC Blocking Voltage TA = 25C TA = 125C
GUF30A . . . 30M Series GUF GUF GUF GUF GUF 30A 30B 30D 30F 30G 50 35 50 100 70 100 200 140 200 300 210 300 400 280 400
Units GUF 30J 600 420 600 GUF 30K 800 560 800 GUF 30M 1000 700 1000 Volts Volts Volts Amps
............................................. 3.0 ............................................... < ......................... 1 5 0 ........................ > < ......... 1 2 5 .......... > < ............. 1.1 .......... > < ...... 1.4 ..... > < .......... 1.7 ......... >
Amps Volts
............................................. 1 0 0 ............................................... Amps ............................................. ............................................. 1 0 ............................................... Amps ............................................. 1 0 0 ............................................... Amps < ......................... 1 7 ........................ > < .......... 1 5 .......... > < ......................... 4 0 ........................ > < .......... 5 0 .......... > < ......................... 5 0 ........................ > < .......... 7 5 .......... > ......................................... -65 to 175 .......................................... pF C / W nS C
Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJA (Note 2) Typical Reverse Recovery Time...tRR (Note 3) Operating & Storage Temperature Range...TJ, TSTRG
Page 6-36
Data Sheet
3.0 Amp ULTRA-FAST SWITCHING MEGARECTIFIERS
Forward Current Derating Curve
TA = Ambient Temperature (C) Typical Junction Capacitance
Non-Repetitive Peak Forward Surge Current
Amps
Number of Cycles @ 60 HZ Typical Instantaneous Forward Characteristics
pF
Reverse Voltage (Volts) Typical Reverse Characteristics
Amps
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load.
Amps
Volts
Percent of Rated Peak Voltage
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance from Junction to Ambient at 3/8" Lead Length, P.C. Board Mounted. 3. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A.
For Capacitive Load, Derate Current by 20%.
Page 6-37
GUF30A . . . 30M Series
Amps


▲Up To Search▲   

 
Price & Availability of GUF30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X